PART |
Description |
Maker |
CAT59C11P CAT59C11PI CAT59C11K-TE13 CAT59C11K-TE7 |
256K x 4 Static RAM 2M x 8 Static RAM Microwire Serial EEPROM 16-Mbit (2M x 8) Static RAM 微型导线串行EEPROM 512K x 32 Static RAM
|
Atmel, Corp.
|
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91 |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
ATMEL Corporation
|
BH7659FS/S BH7659S/FS |
Multimedia LSIs > For monitor > Monitor input selector switch
|
ROHM
|
46ELCD0264ISC 46ELCD0264IM3 51ELCD0264NM3 51ELCD02 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits "MONITOR LCD 12.1"" "MONITOR LCD 8.4"" 3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers "MONITOR LCD 18.1"" “液晶显示器18.1”“ 锛?ONITOR LCD 8.4锛??锛?/span> 锛?ONITOR LCD 12.1锛??锛?/span>
|
Abracon, Corp.
|
CXK5T81000AYM CXK5T81000AYM-10LLX CXK5T81000AYM-12 |
Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:6; Connecting Termination:Solder; Circular Shell Style:Straight Receptacle; Features:Strain Relief with Clamping Ring; Leaded Process Compatible:Yes RoHS Compliant: Yes Circular Connector; Body Material:Thermoplastic; Series:C016; No. of Contacts:6; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Features:Strain Relief with Clamping Ring RoHS Compliant: Yes 131072-word x 8-bit High Speed CMOS Static RAM
|
SONY[Sony Corporation]
|
SRLCDMOUNT |
Monitor Rack-Mount Bracket, 4U, for LCD Monitor up to 17-19 in.
|
Tripp Lite. All Rights ...
|
AT91RM9200 AT91RM9200-C1-002 AT91RM9200-Q1-002 |
The AT91RM9200 features a 200 MIPS ARM920T processor with 16K-byte instruction and 16K-byte data cache memories, 16K bytes of SRAM, 128K bytes of ROM, External Bus Interface featuring SDRAM, Burst Flash and Static Memory Controllers, USB D ARM920T-based microcontroller.
|
Atmel
|
GRF22N2BBRLN |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator; Features: RoHS Compliant: Yes
|
THE CHERRY CORP
|
MC908GZ60CFUE |
Standard features, Features of the CPU08 Standard features, Features of the CPU08
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
YKB31-0016 YKB21-5010 YKB21-5166 |
6.3V, 2A, 1.65mm DIAMETER, DC POWER PLUG OR JACK RCA CONNECTOR, JACK
|
JALCO Co., Ltd.
|
0733000222 |
50 Ohms, SMPM Jack/Jack Bullet Adapter, 7.06mm Length
|
Molex Electronics Ltd.
|
|